Part Number Hot Search : 
MPX4115A P4KE15 SKRPAD V800B DR060 0200LT1 USB6B1RL BUW40A
Product Description
Full Text Search
 

To Download 3DD13002-TO-126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
TO-126 Plastic-Encapsulate Transistors
3DD13002
TRANSISTORNPN (c)
TO 126
FEATURES Power dissipation PCM : 1.25 W Tamb=25ae(c) Collector current ICM : 1 A Collector-base voltage V(BR)CBO : 600 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(c) 1 DC current gain hFE(c) 2 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Fall time Storage time VCE(sat) VBE(sat) fT tf ts VCE= 10 V, IC= 200 m A IC=200m A, IB= 40 m A IC=200mA, IB= 40 m A VCE=10V, f =1MHz IC=1A, Ic=100mA
1.BASE 2.COLLECTOR 3.EMITTER
123
unless
Test
otherwise
specified(c)
TYP MAX UNIT V V V 100 100 5 9 40 0.8 1.1 5 0.5 2.5 V V MHz s s A A
conditions
MIN 600 400 6
Ic= 100|I AIE=0 Ic= 1 mA IB=0
IE= 100|I AIC=0 VCB= 600 VEB= 6 VIE=0 VIC=0
VCE= 10 V, IC= 250 A
I 1=-IB2=0.2A B
VCC=100V
CLASSIFICATION OF h FE(2)
Rank Range 9-15 15-20 20-25 25-30 30-35 35-40
TO-126 PACKAGE OUTLINE DIMENSIONS
D
A1
A
E
b1 L
e e1
L1 b C Dimensions In Millimeters Min 2.500 1.100 0.660 1.170 0.450 7.400 10.600 2.290TYP 4.480 15.300 2.100 3.900 3.000 4.680 15.700 2.300 4.100 3.200 0.176 0.602 0.083 0.154 0.118 Max 2.900 1.500 0.860 1.370 0.600 7.800 11.000 Min 0.098 0.043 0.026 0.046 0.018 0.291 0.417 0.090TYP 0.184 0.618 0.091 0.161 0.126
P
|O
Symbol A A1 b b1 c D E e e1 L L1 P |O
Dimensions In Inches Max 0.114 0.059 0.034 0.054 0.024 0.307 0.433


▲Up To Search▲   

 
Price & Availability of 3DD13002-TO-126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X